Part Number Hot Search : 
MC10E1 24C08 3843B LXM16 264M64 P18N50 2700000 45020
Product Description
Full Text Search
 

To Download DTC124EL-AE3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO.,
DTC124E
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
FEATURES
NPN EPITAXIAL SILICON TRANSISTOR
*Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see the equivalent circuit). *The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input They also have the advantage of almost completely eliminating parasitic effects. *Only the on / off conditions need to be set for operation, making device design easy.
2 1
3
EQUIVALENT CIRCUIT
R1 IN R2 GND IN GND OUT OUT
MARKING
SOT-23
*Pb-free plating product number:DTC124EL
CC4
PIN CONFIGURATION
PIN NO. PIN NAME 1 GND 2 IN 3 OUT
ORDERING INFORMATION Order Number Normal Lead free DTC124E-AE3-R DTC124EL-AE3-R Package SOT-23 Packing Tape Reel
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co.,
1
QW-R206-045,B
DTC124E
PARAMETER Supply Voltage Input Voltage Output Current Power Dissipation Junction Temperature Storage Temperature SYMBOL VCC VIN IC IO PD TJ TSTG
NPN EPITAXIAL SILICON TRANSISTOR
ABSOLUATE MAXIUM RATINGS (Ta = 25)
RATINGS 50 -10 ~ +40 100 30 200 150 -40 ~ +150 UNIT V V mA mW
ELECTRICAL CHARACTERISTICS (Ta= 25, unless otherwise specified.)
SYMBOL VI(off) Input Voltage VI(ON) Output Voltage VO(ON) Input Current II Output Current IO(off) DC Current Gain GI Input Resistance R1 Resistance Ratio R2/R1 Transition Frequency fT *Transition frequency of the device PARAMETER TEST CONDITIONS VCC= 5V, IOUT=100A VOUT= 0.2V, IOUT= 5mA IOUT/IIN= 10mA / 0.5 mA VIN= 5V VCC= 50V , VIN=0V VOUT= 5V, IOUT= 5mA MIN 3 0.1 0.3 0.36 0.5 28.6 1.2 TYP MAX 0.5 UNIT V V mA A k MHz
56 15.4 0.8
VCE= 10 V, IE= -5mA, f=100MHz *
22 1 250
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2
QW-R206-045,B
DTC124E
NPN EPITAXIAL SILICON TRANSISTOR
TYPICAL CHARACTERICS
Fig.1 Input voltage vs.output current (ON characterristics) Vo=-0.2V Fig.2 Output current vs Input voltage .(OFF characterristics) Vcc=5V
100 50
10m 5m 2m
Input Voltage :V I(ON) V
10 5
T a= - 40 -25 100
Output Current :Io(A)
20
1m 500 200 100 50 20 10 5 2 1
T a=100 25 -40
2 1 500m
200m 100m 100
2 0 0 5 0 0 1m
2m
5m
10m 20m
50m 100m
0
0.5
1.0
1.5
2.0
V
2.5
3.0
Output Current :Io(A) Fig.3 DC current gain vs.output current
1 k 500
Input Voltage :V I(OFF)
Fig.4Output voltage vs.output current
1 500m
Vo=5V T a=100 25 -40
lo/l =20 I
100 50
Output Voltage :VO(ON) V
200
200m 100m 50m
DC Current Gain: G I
T a=100 25 -40
20 10 5
20m 10m 5m
2 1 100 2 0 0 5 0 0 1m 2m 10m 20m 50m 100m
2m 1m 100
5m
2 0 0 5 0 0 1m
2m
5m
10m 20m
50m
100m
Output Current :Io(A)
Output Current :Io(A)
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or other param eters) listed in products specifications of any and all UT C products described or contained herein. UT C products are not designed for use in life support appliances, dev ices or system s where m alfunction of these products can be reasonably expected to result in personal injury. R eproduction in whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate and reliable and m ay be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3
QW-R206-045,B


▲Up To Search▲   

 
Price & Availability of DTC124EL-AE3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X